Part Number Hot Search : 
PHMKP 2N3045 BD711 76RSC04 200CT MBT2222 A5368CA FC142
Product Description
Full Text Search
 

To Download EPC10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EPC-13_TDK.pdf
Ferrite Cores
For Power Supply and Signal Transformer EPC Cores
CORE SHAPES AND DIMENSIONS/CHARACTERISTICS
C
EPC Series
C1 A Fig.1
C2
D
U.S.PAT.4,760,366 EP.PAT.245,083(DE,FR,GB,NL) KS.UM50,836 TW.UM39,406 JP.PENDING
C2
C1 A
D
C
Type
Fig.2
Fig. 3 1 1 1 1 2 1 4 1
C1 A Fig.3
D
A Fig.4
ELECTRICAL CHARACTERISTICS WITHOUT AIR GAP
Part No. PC44EPC10-Z PC50EPC10-Z H5C3EPC10-Z PC44EPC13-Z PC50EPC13-Z H5C3EPC13-Z PC44EPC17-Z PC50EPC17-Z PC44EPC19-Z PC50EPC19-Z PC44EPC25-Z PC50EPC25-Z PC44EPC25B-Z PC50EPC25B-Z PC44EPC27-Z PC50EPC27-Z PC44EPC27N-Z
C2
C1
D
EPC10 EPC13 EPC17 EPC19 EPC25 EPC25B EPC27 EPC27N EPC30
Dimensions (mm) A C 10.20.2 3.40.1 13.250.3 4.60.15 17.60.4 60.15 19.10.4 60.15 25.10.5 80.2 25.10.5 6.50.2 27.10.5 80.2 270.4 5.10.1 30.10.5 80.2
C1 50.1 5.60.15 7.70.15 8.50.15 11.50.2 13.80.2 130.3 13.850.15 150.3
C2 1.90.1 2.050.1 2.80.1 2.50.1 40.1 2.50.15 40.1 2.20.1 40.1
D 4.050.1 6.60.2 8.550.2 9.750.2 12.50.2 11.40.15 160.2 130.1 17.50.2
Ae (mm2) 9.39 12.5 22.8 22.7 46.4 33.3 54.6 33 61
le (mm) 17.8 30.6 40.2 46.1 59.2 46.2 73.1 55.9 81.6
Weight (g) 1.1 2.1 4.5 5.3 13 11 18 10 23
C2
C
C
WITHOUT AIR GAP
Calculated output power(W) 5.4[100kHz] 13[500kHz] Part No. PC44EPC30-Z PC50EPC30-Z
AL-value (nH/N2) 100025% [1kHz, 0.5mA, 100Ts] 66025% [1kHz, 0.5mA, 100Ts] 2660min. [10kHz, 10mV, 100Ts] 87025% [1kHz, 0.5mA, 100Ts] 56025% [1kHz, 0.5mA, 100Ts] 2450min. [10kHz, 10mV, 100Ts] 115025% [1kHz, 0.5mA, 100Ts] 74025% [1kHz, 0.5mA, 100Ts] 94025% [1kHz, 0.5mA, 100Ts] 68025% [1kHz, 0.5mA, 100Ts] 156025% [1kHz, 0.5mA, 100Ts] 108025% [1kHz, 0.5mA, 100Ts] 156025% [1kHz, 0.5mA, 100Ts] 108025% [1kHz, 0.5mA, 100Ts] 154025% [1kHz, 0.5mA, 100Ts] 103025% [1kHz, 0.5mA, 100Ts] 140025% [1kHz, 0.5mA, 100Ts]
AL-value (nH/N2) 157025% [1kHz, 0.5mA, 100Ts] 106025% [1kHz, 0.5mA, 100Ts]
Calculated output power (W) 85[100kHz] 180[500kHz]
The values were obtained with forward converter mode.
8.6[100kHz] 19[500kHz]
WITH AIR GAP
Part No. PC44EPC10AXXX PC50EPC10AXXX PC44EPC13AXXX PC50EPC13AXXX PC44EPC17AXXX PC50EPC17AXXX PC44EPC19AXXX PC50EPC19AXXX PC44EPC25AXXX PC50EPC25AXXX PC44EPC25BAXXX PC50EPC25BAXXX PC44EPC27AXXX PC50EPC27AXXX PC44EPC27NAXXX PC44EPC30AXXX PC50EPC30AXXX
20[100kHz] 35[500kHz] 27[100kHz] 55[500kHz] 63[100kHz] 127[500kHz] 45[100kHz] 87[500kHz] 80[100kHz] 161[500kHz] 43[100kHz]
AL-value (nH/N2)[1kHz, 0.5mA, 100Ts] 407%, 6310% 407%, 6310% 404%, 635% 404%, 635% 804%, 1255% 804%, 1255% 804%, 1255% 804%, 1255% 1255%, 2007% 1255%, 2007% 805%, 1257% 805%, 1257% 1255%, 2007% 1255%, 2007% 805%, 1257% 1255%, 2007% 1255%, 2007%
XXX: AL-value
The values were obtained with forward converter mode.
Specifications which provide more details for the proper and safe use of the described product are available upon request. All specifications are subject to change without notice.
Ferrite Cores
For Power Supply and Signal Transformer EPC Cores
BOBBINS SURFACE MOUNT TYPE
H
EPC Series
Part No. BEPC-10-118GA BEPC-13-1110GA BEPC-17-119GA BEPC-19-1110GA BEPC-25B-1111G
No. of lead terminal 8 10 9 10 11
W
Dimensions (mm) W D 11 11.7 14.2 20.6 18.2 23.2 20.2 25.2 26.1 28.9
H 5.2 7.3 9.9 9.9 9.9
Clamp FEPC-10-A FEPC-13-A FEPC-17-A FEPC-19-A FEPC-25B-A
DROP-IN TYPE
Part No. BEPC-19-1110SA BEPC-25B-1111S
D
D
No. of pin terminal 10 11
W
Dimensions (mm) W D 20.2 26.2 26 37.9
H
H 9.8 9.5
Clamp FEPC-19-A FEPC-25B-A
LEAD-THROUGH TYPE
Part No.
D
No. of pin terminal
W
BEPC-13-1110CPH 10 BEPC-17-1110CPH 10 BEPC-19-1111CPH 11 BEPC-25-1111CPH 11 BEPC-27-1111CPH 11 BEPC-27N-1114CPH 14 BEPC-30-1112CPH 12 Clamp material: Stainless steel * Material: FR phenol, UL Grade: 94V-0, Pin material: Steel wire (Solder plated)
Dimensions (mm) W D 13.9 14.8 18.2 19.1 20 21.5 26.1 27 28.1 34 29 36.5 31.1 37
H
H 7.7 12.1 12.1 16.2 16.2 9 16.2
Clamp FEPC-13-A FEPC-17-A FEPC-19-A FEPC-25-A FEPC-27-A FEPC-27-A FEPC-30-A
132 980706
Specifications which provide more details for the proper and safe use of the described product are available upon request. All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of EPC10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X